Part Number Hot Search : 
BAS116 LM2935 CA2902E MSK4890H 1N5250 COACH10S APA2037 AL1101
Product Description
Full Text Search
 

To Download 22CGQ045 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 20346C
22CGQ045
SCHOTTKY RECTIFIER 35* Amp
Major Ratings and Characteristics Characteristics IF(AV) Rectangular waveform VRRM IFSM @ tp = 8.3ms sine VF @ 20Apk, TJ = 125C (Per Leg) 22CGQ045 35* Units A
Desciption/Features The 22CGQ045 center tap Schottky rectifier has been expressly designed to meet the rigorous requirements of hi-rel environments. It is packaged in the hermetic, isolated, TO-254AA package and has extremely low reverse leakage at high temperature. Full MIL-PRF-19500 quality conformance testing is available on source controlled drawings to JANTX, JANTXV, or JANS levels. Typical applications include switching power supplies and resonant power converters. * * * * Hermetically sealed Center tap High frequency operation Guard ring for enhanced ruggedness and long term reliability * Electrically isolated * Ceramic eyelets
45 300 0.70
V A V
TJ, Tstg Operating and storage -55 to 150 *IF(AV) current limited by pin diameter
C
CASE STYLE
(ISOLATED BASE)
NOTES: 1. DIMENSIONING & TOLERANCING PER ANSI Y14.5M-1982 2. ALL DIMENSIONS ARE SHOW IN MILLIMETERS (INCHES).
ANODE COMMON ANODE CATHODE
Conforms to JEDEC Outline TO-254AA* Dimensions in millimiters an inches
www.irf.com
1
02/17/99
22CGQ045
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) (Per Leg) VRWM Max. Working Peak Reverse Voltage (V) (Per Leg)
22CGQ045 45
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current *See Fig. 4 IFSM Max. Peak One Cycle Non - Repetitive Surge Current (Per Leg) 300 A
22CGQ045 Units
35* A
Conditions
50% duty cycle @ TC = 100C, rectangular waveform *IF(AV) current limited by pin diameter @ tp = 8.3 ms sine
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) *See Fig. 1 22CGQ045 0.75 0.97 0.70 0.91 I RM CT LS Max. Reverse Leakage Current (Per Leg) *See Fig. 2 Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg) 0.5 20 1400 8.7
Units
V V V V mA mA pF nH @ 20A @ 35A @ 20A @ 35A TJ = 25C TJ = 125C
Conditions
TJ = 25C TJ = 125C VR = rated VR
VR = 5V DC, (test signal range 100KHz to 1MHz) 25C Measured lead to lead 5mm from package body
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max.Junction Temperature Range Max. Storage Temperature Range to Case (Per Leg) RthJC Max. Thermal Resistance, Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt Weight (Typical) Die Description (Square) Case Style Pulse Width < 300s, Duty Cycle < 2% 9.3 0.150 TO-254AA g inches JEDEC 0.21 C/W Mounting surface, smooth and greased 0.625 C/W DC operation 22CGQ045 -55 to 150 -55 to 150 1.25
Units
C C C/W
Conditions
RthJC Max. Thermal Resistance, Junction
DC operation
*See Fig. 5
2
www.irf.com
22CGQ045
100
T = 150C J
Reverse Current - IR ( mA )
10
12 5C 100C
1
0.1
0.01
25C
0.001 A 0 10 20 30 40 50
0.0001
R e v e rs e V o lta g e - V R (V )
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg) Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
Fig. 4 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
www.irf.com
3
22CGQ045
Fig.5 - Max. Thermal Impedance ZthJC characteristics (Per Leg)
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936 http://www.irf.com/ Data and specifications subject to change without notice. 02/99
4
www.irf.com


▲Up To Search▲   

 
Price & Availability of 22CGQ045

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X